PART |
Description |
Maker |
IRF840LCL IRF840LCSTRR |
500V Single N-Channel HEXFET Power MOSFET in a TO-262 package 500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFP32N50K IRFP32N50 IRFP32N50KPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package From old datasheet system HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)典\u003d 0.135ohm,身份证\u003d 32A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFY11N50CMA |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 10A I(D) | TO-257AA 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 10A条(丁)|57AA HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 500V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
IRFB812 IRFB812PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRFP17N50L |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFP22N50A IRFP22N50APBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
IRFY430 |
500V Single N-Channel HEXFET Power MOSFET in a Y-PAK (TO-257AB) package
|
International Rectifier
|
IRFBA22N50A |
500V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package
|
International Rectifier
|